Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0034 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 31Page - STMicroelectronics UM0034 Datasheet HTML 32Page - STMicroelectronics UM0034 Datasheet HTML 33Page - STMicroelectronics UM0034 Datasheet HTML 34Page - STMicroelectronics UM0034 Datasheet HTML 35Page - STMicroelectronics UM0034 Datasheet HTML 36Page - STMicroelectronics UM0034 Datasheet HTML 37Page - STMicroelectronics UM0034 Datasheet HTML 38Page - STMicroelectronics UM0034 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
ST7-EMU3 series emulator
Glossary
35/39
TQFP (Thin quad flat package)
A family of integrated circuit packages for surface mounted assembly. This type of
package has a square, flat shape and pins on all four sides.
TTL (Transistor to transistor logic)
A bipolar technology where a transistor output is connected directly to the transistor
input of the next stage, rather than connecting through a resistor or diode.
User application board
Your application board, which includes a connector for the ST7 device you have chosen
to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39