| Moteur de recherche de fiches techniques de composants électroniques |
|
GM5621 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
GM5621 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() GM5621, GM5626, GM2621 Feature attributes 5/8 ● RSDS transmitters and TCON (GM5626) – Dual channel 6-bit RSDS compliant serial interface with direct connect to RSDS compliant column drivers – Support for type 1, type 2, and type 3 bus configuration – Pin swap, odd or even swap and red or blue group swap of RGB outputs for flexibility in board layout – Low EMI and power save feature include frame, line and in-line inversion and blanking ● Highly integrated system-on-a-chip – 50mW power saving mode – 5-volt tolerant inputs – Two layer PCB support – On-chip reset circuit to eliminate external reset IC – Integrated Schmitt trigger for HSYNC and VSYNC – General purpose low bandwidth ADC |