Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM4875 Fiches technique(PDF) 4 Page - C&D Technologies

No de pièce RM4875
Description  MODULAR SWITCH MODE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CANDD [C&D Technologies]
Site Internet  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4875 Fiches technique(HTML) 4 Page - C&D Technologies

  RM4875 Datasheet HTML 1Page - C&D Technologies RM4875 Datasheet HTML 2Page - C&D Technologies RM4875 Datasheet HTML 3Page - C&D Technologies RM4875 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RM4875 4/98 REV A
Page 4
Mechanical
Standard Options are shown, consult factory for other available options.
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No
patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D Technologies product
for use in life support devices/systems or in aircraft control applications.
I+
I-
EQL
FLT
REM
EQL
NORM
RFA
OFF
HFM 48-7.5
2.90
10.955
4.750
2.400
ALL MEASUREMENTS ARE IN INCHES



Html Pages

1 2 3 4