| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT244 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74ACT244 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 5 page ![]() SN54ACT244, SN74ACT244 OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCAS517B – JUNE 1995 – REVISED MAY 1996 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Inputs Are TTL Compatible D EPIC ™ (Enhanced-Performance Implanted CMOS) 1- µm Process D Package Options Include Plastic Small-Outline (DW), Shrink Small-Outline (DB), Thin Shrink Small-Outline (PW), and Flat (W) Packages, Ceramic Chip Carriers (FK), and Plastic (N) and Ceramic (J) DIPs description These octal buffers/drivers are designed specifically to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The ’ACT244 are organized as two 4-bit buffers/drivers with separate output-enable (OE) inputs. When OE is low, the device passes noninverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the high-impedance state. The SN54ACT244 is characterized for operation over the full military temperature range of –55 °C to 125 °C. The SN74ACT244 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (each buffer) INPUTS OUTPUT OE A Y L H H L LL H X Z Copyright © 1996, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC is a trademark of Texas Instruments Incorporated. SN54ACT244 ...J OR W PACKAGE SN74ACT244 . . . DB, DW, N, OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 9 10 11 12 13 4 5 6 7 8 18 17 16 15 14 1Y1 2A4 1Y2 2A3 1Y3 1A2 2Y3 1A3 2Y2 1A4 SN54ACT244 . . . FK PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 1OE 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 2Y1 GND VCC 2OE 1Y1 2A4 1Y2 2A3 1Y3 2A2 1Y4 2A1 |
Numéro de pièce similaire - SN74ACT244 |
|
Description similaire - SN74ACT244 |