Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2158 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce LPC2158
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2158 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button LPC2158 Datasheet HTML 2Page - NXP Semiconductors LPC2158 Datasheet HTML 3Page - NXP Semiconductors LPC2158 Datasheet HTML 4Page - NXP Semiconductors LPC2158 Datasheet HTML 5Page - NXP Semiconductors LPC2158 Datasheet HTML 6Page - NXP Semiconductors LPC2158 Datasheet HTML 7Page - NXP Semiconductors LPC2158 Datasheet HTML 8Page - NXP Semiconductors LPC2158 Datasheet HTML 9Page - NXP Semiconductors LPC2158 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
6 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
P0[6]/MOSI0/
CAP0[2]/AD1[0]
18[4]
I/O
P0[6] — General purpose input/output digital pin (GPIO).
I/O
MOSI0 — Master Out Slave In for SPI0. Data output from SPI master or data
input to SPI slave.
I
CAP0[2] — Capture input for Timer 0, channel 2.
I
AD1[0] — ADC 1, input 0.
P0[7]/SSEL0/
PWM2/EINT2
19[2]
I/O
P0[7] — General purpose input/output digital pin (GPIO).
I
SSEL0 — Slave Select for SPI0. Selects the SPI interface as a slave.
O
PWM2 — Pulse Width Modulator output 2.
I
EINT2 — External interrupt 2 input.
P0[8]/TXD1/
PWM4/AD1[1]
20[4]
I/O
P0[8] — General purpose input/output digital pin (GPIO).
O
TXD1 — Transmitter output for UART1.
O
PWM4 — Pulse Width Modulator output 4.
I
AD1[1] — ADC 1, input 1.
P0[9]/RXD1/
PWM6/EINT3
21[2]
I/O
P0[9] — General purpose input/output digital pin (GPIO).
I
RXD1 — Receiver input for UART1.
O
PWM6 — Pulse Width Modulator output 6.
I
EINT3 — External interrupt 3 input.
P0[10]/RTS1/
CAP1[0]/AD1[2]
22[4]
I/O
P0[10] — General purpose input/output digital pin (GPIO).
O
RTS1 — Request to Send output for UART1.
I
CAP1[0] — Capture input for Timer 1, channel 0.
I
AD1[2] — ADC 1, input 2.
P0[11]/CTS1/
CAP1[1]/SCL1
23[3]
I/O
P0[11] — General purpose input/output digital pin (GPIO).
I
CTS1 — Clear to Send input for UART1.
I
CAP1[1] — Capture input for Timer 1, channel 1.
I/O
SCL1 — I2C1 clock input/output. Open-drain output (for I2C-bus compliance)
P0[12]/DSR1/
MAT1[0]/AD1[3]
24[4]
I/O
P0[12] — General purpose input/output digital pin (GPIO).
I
DSR1 — Data Set Ready input for UART1.
O
MAT1[0] — Match output for Timer 1, channel 0.
I
AD1[3] — ADC 1 input 3.
P0[13]/DTR1/
MAT1[1]/AD1[4]
25[4]
I/O
P0[13] — General purpose input/output digital pin (GPIO).
O
DTR1 — Data Terminal Ready output for UART1.
O
MAT1[1] — Match output for Timer 1, channel 1.
I
AD1[4] — ADC 1 input 4.
P0[14]/DCD1/
EINT1/SDA1
26[3]
I/O
P0[14] — General purpose input/output digital pin (GPIO).
I
DCD1 — Data Carrier Detect input for UART1.
I
EINT1 — External interrupt 1 input.
I/O
SDA1 — I2C1 data input/output. Open-drain output (for I2C-bus compliance).
Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take
over control of the part after reset.
Table 2.
Pin description LPC2157 …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45