| Moteur de recherche de fiches techniques de composants électroniques |
|
SFP-GA-R Fiches technique(PDF) 2 Page - MRV Communications, Inc. |
|
|
|||||||||||||||||||||||||||||
SFP-GA-R Fiches technique(HTML) 2 Page - MRV Communications, Inc. |
|
2 / 4 page ![]() sales@mrv.com Pluggables C. Fast Ethernet Copper-to-Fiber Conversion Converting from copper to fiber and back again, SFP-SW10/100R and optical SFPs are used as interfaces in data rate independent Fiber Driver SFP-to- SFP pluggable media modules (EM316-2SFP). The fiber link operates at Fast Ethernet speed. The SFP-SW10/100 matches the speed and duplex mode of each edge device, allowing them operate at different speeds and duplex modes. B. SFP-Enabled GbE Switch/Router The SFP-GA-R is used in an SFP-enabled GbE switch or router to link to a server configured with a copper GbE NIC. Switch/Router Server Redundant GbE Fiber Links Switch/Router Switch/Router Network Redundant GbE Copper Links EM316DMR module with SFP-GCs and optical SFPs in a 1-slot Chassis A. Gigabit Ethernet Copper-to-Fiber Conversion with Redundancy SFP-GCs are used in combination with the Fiber Driver Dual Multi-Rate Transponder (EM316DMR3G-3R) to create edge-to-edge redundant Gigabit copper links. Network Redundant GbE Copper Links Switch/Router Workstation 100Base-TX Copper 100Base-TX Copper GbE Single Mode EM316-2SFP module with SFP-SW10/100R and optical SFP in a 1-slot Chassis |