| Moteur de recherche de fiches techniques de composants électroniques |
|
CSD010 Fiches technique(PDF) 1 Page - Faraday Technology |
|
|
|||||||||||||||||||||||||||||
CSD010 Fiches technique(HTML) 1 Page - Faraday Technology |
|
1 / 3 page ![]() © Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice Fara350d Page 1 of 3 Aug-05(A) FEATURES ? Low profile PCB mounted ? Automatic 625/525 operation ? 10 bit YPbPr A-to-D conversion ? External sync input option ? 4 serial outputs ? DC powered Designed to be a low cost solution for converting analogue component video to serial digital. The card can be built into existing systems and offered either as a standard feature or custom fitted option for individual systems. CSD010 COMPONENT ANALOGUE TO SERIAL DIGITAL CONVERTER CARDS |
Numéro de pièce similaire - CSD010 |
|
Description similaire - CSD010 |