| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS73 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74LS73 Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 13 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9675101QCA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC 5962-9675101QDA ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC 5962-9675101QDA ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC 5962-9675101VCA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC 5962-9675101VCA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC 5962-9675101VDA ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC 5962-9675101VDA ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SN54LS73AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SN54LS73AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SN7473N OBSOLETE PDIP N 14 TBD Call TI Call TI SN7473N OBSOLETE PDIP N 14 TBD Call TI Call TI SN7473N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN7473N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74LS73AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS73AN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS73AN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS73ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS73ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SNJ54LS73AFD OBSOLETE LCCC FK 20 TBD Call TI Level-NC-NC-NC SNJ54LS73AFD OBSOLETE LCCC FK 20 TBD Call TI Level-NC-NC-NC SNJ54LS73AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS73AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS73AW ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS73AW ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. PACKAGE OPTION ADDENDUM www.ti.com 8-Aug-2005 Addendum-Page 1 |