| Moteur de recherche de fiches techniques de composants électroniques |
|
SN54LS30W Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54LS30W Fiches technique(HTML) 7 Page - Texas Instruments |
|
7 / 15 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74LS30N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74LS30N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74LS30NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS30NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS30NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS30NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS30NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS30NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S30D OBSOLETE SOIC D 14 TBD Call TI Call TI SN74S30D OBSOLETE SOIC D 14 TBD Call TI Call TI SN74S30DR OBSOLETE SOIC D 14 TBD Call TI Call TI SN74S30DR OBSOLETE SOIC D 14 TBD Call TI Call TI SN74S30J OBSOLETE CDIP J 14 TBD Call TI Call TI SN74S30J OBSOLETE CDIP J 14 TBD Call TI Call TI SN74S30N OBSOLETE PDIP N 14 TBD Call TI Call TI SN74S30N OBSOLETE PDIP N 14 TBD Call TI Call TI SNJ5430J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ5430J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ5430W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ5430W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS30FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS30FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS30J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS30J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS30W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS30W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54S30FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S30FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S30J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54S30J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54S30W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54S30W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 2 |