| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS221DBR Fiches technique(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS221DBR Fiches technique(HTML) 14 Page - Texas Instruments |
|
14 / 23 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-8771101EA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 76042012A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 7604201EA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 7604201FA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC JM38510/31402B2A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC JM38510/31402BEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC JM38510/31402BFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SN54221J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54LS221J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN74221N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74221NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS221D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS221DBR ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS221DBRE4 ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS221DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS221DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS221DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS221N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS221N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS221NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS221NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS221NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54221J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS221FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS221J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS221W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |