| Moteur de recherche de fiches techniques de composants électroniques |
|
BST15P2A Fiches technique(PDF) 4 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
BST15P2A Fiches technique(HTML) 4 Page - CIT Relay & Switch |
|
4 / 4 page ![]() www.citswitch.com page 139 phone – 763.535.2339 fax – 763.535.2194 BST TERMINAL OPTIONS A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPDT) A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (DPDT) CONTACT OPTIONS Designator Contact Material Terminal Material Electrical Ratings Q Silver Plating Silver Plating 3A @ 120VAC, 28VDC; 1.5A @ 250VAC R Gold over Nickel Plating Gold over Nickel Plating .4 VA max @ 20VAC or VDC max G Gold over Silver Plating Gold over Silver Plating .4 VA max @ 20VAC or VDC max or 3A @ 120VAC, 28VDC; 1.5A @ 250VAC |