| Moteur de recherche de fiches techniques de composants électroniques |
|
BSP11TH Fiches technique(PDF) 4 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
BSP11TH Fiches technique(HTML) 4 Page - CIT Relay & Switch |
|
4 / 5 page ![]() www.citswitch.com page 192 phone – 763.535.2339 fax – 763.535.2194 BSP TERMINAL OPTIONS A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPST) A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPDT) A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (DPST) CONTACT OPTIONS Designator Contact Material Terminal Material Electrical Ratings Q Silver Plating Silver Plating 3A @ 120VAC, 28VDC; 1A @ 250VAC R Gold over Nickel Plating Gold over Nickel Plating .4 VA max @ 20VAC or VDC max G Gold over Silver Plating Gold over Silver Plating .4 VA max @ 20VAC or VDC max or 3A @ 120VAC, 28VDC; 1A @ 250VAC |