Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASR15R11P Fiches technique(PDF) 1 Page - CIT Relay & Switch

No de pièce ASR15R11P
Description  CIT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIT [CIT Relay & Switch]
Site Internet  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ASR15R11P Fiches technique(HTML) 1 Page - CIT Relay & Switch

  ASR15R11P Datasheet HTML 1Page - CIT Relay & Switch ASR15R11P Datasheet HTML 2Page - CIT Relay & Switch ASR15R11P Datasheet HTML 3Page - CIT Relay & Switch ASR15R11P Datasheet HTML 4Page - CIT Relay & Switch ASR15R11P Datasheet HTML 5Page - CIT Relay & Switch ASR15R11P Datasheet HTML 6Page - CIT Relay & Switch ASR15R11P Datasheet HTML 7Page - CIT Relay & Switch ASR15R11P Datasheet HTML 8Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.citswitch.com
page
155
phone – 763.535.2339 fax – 763.535.2194
ASR
SPECIFICATIONS
Electrical Ratings
5A @ 120 VAC, 28VDC
2A @ 250VAC
Electrical Life
30,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
6/6 Nylon, Glass Filled, Flame Retardant Heat Stabilized, UL94V-0
Housing
6/6 Nylon, Glass Filled, Flame Retardant Heat Stabilized, UL94V-0
Support Bracket
Brass, Tin Plated
Contacts
Copper Alloy, Silver or Gold Plated
Terminals
Copper Alloy, Silver or Gold Plated
ORDERING INFORMATION
1. Series:
ASR
ASR
1
2. Number of Poles:
1 = SPDT
2 = DPDT
3 = 3PDT
3
3. Switch Function:
1 = ON-NONE-ON
2 = ON-NONE-(ON)
3 = ON-OFF-ON
4 = (ON)-OFF-(ON)
5 = ON-OFF-(ON)
6 = ON-ON-ON ** See Three Way Wiring Section for Details
R11
4. Actuator:
R11P / R11 = Rocker, PC Mount / Panel Mount
R21P / R21 = Rocker, PC Mount / Panel Mount
P13P / P13 = Paddle, PC Mount / Panel Mount
P23P / P23 = Paddle, PC Mount / Panel Mount
R15P = Rocker, PC Mount
P43P = Paddle, PC Mount
P47P = Paddle, PC Mount
P48P = Paddle, PC Mount
2
5. Actuator Color:
1 = White
2 = Black
3 = Red
4 = Orange
5 = Yellow
6 = Green
7 = Blue
8 = Brown
9 = Gray
6. Actuator Marking Style:
Blank = No Marking
A, B, C, D, E, F, G
7. Actuator Marking Color:
Blank = No Marking, W = White (Standard), B = Black
C
8. Terminals:
B = Solder Lug, C = PC Pin, D = Quick Connect
H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in
V = Vertical Mount, Right Angle PC Pin
S20 = PC Pin with Support Bracket; V20 = Snap-in Support Bracket
S25 = PC Pin with Support Bracket; V25 = Snap-in Support Bracket
Q
9. Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
Process Sealed
- E222871


Numéro de pièce similaire - ASR15R11P

FabricantNo de pièceFiches techniqueDescription
logo
Stackpole Electronics, ...
ASR1 SEI-ASR1 Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
logo
AEROTECH US. ALL RIGHTS...
ASR1100 AEROTECH-ASR1100 Datasheet
497Kb / 4P
Mechanical-Bearing Direct-Drive Rotary Collet Stage
ASR1200 AEROTECH-ASR1200 Datasheet
485Kb / 4P
Mechanical-Bearing Direct-Drive Rotary Collet Stage
logo
Stackpole Electronics, ...
ASR12JA10R0 SEI-ASR12JA10R0 Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
ASR12JA1M00 SEI-ASR12JA1M00 Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
More results

Description similaire - ASR15R11P

FabricantNo de pièceFiches techniqueDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com