| Moteur de recherche de fiches techniques de composants électroniques |
|
PE9844DEV Fiches technique(PDF) 2 Page - Pletronics, Inc. |
|
|
|||||||||||||||||||||||||||||
PE9844DEV Fiches technique(HTML) 2 Page - Pletronics, Inc. |
|
2 / 8 page ![]() PE96/PE98 Series 3.3 V PECL Clock Oscillators January 2008 www.pletronics.com 425-776-1880 2 Part Number: PE9x 45 D E V -125.0M -XX Packaging code or blank T250 = 250 per Tape and Reel T500 = 500 per Tape and Reel T1K = 1000 per Tape and Reel Frequency in MHZ Supply Voltage V CC V = 3.3V + _ 10% Temperature Range blank = -10 to +70 oC E = -40 to +85 oC Series Model Frequency Stability 45 = + _ 50 ppm 44 = + _ 25 ppm 20 = + _ 20 ppm Series Model (x is 6 or 8) Part Marking: PLE PE9x Marking Legend: FF.FFF M PLE = Pletronics X = 6 or 8 C YMDXX FF.FFF M = Frequency in MHZ YMD = Date of Manufacture (year-month-day) All other marking is internal factory codes Codes for Date Code YMD Code 7 8 9 0 1 2 Year 2007 2008 2009 2010 2011 2012 Code A B C D E F G H J K L M Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC Code 123456789 A B C Day 123456789 10 11 12 Code D E F G H J K L M N P R Day 13 14 15 16 17 18 19 20 21 22 23 24 Code T U V W X Y Z Day 25 26 27 28 29 30 31 |