| Moteur de recherche de fiches techniques de composants électroniques |
|
HC240 Fiches technique(PDF) 39 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC240 Fiches technique(HTML) 39 Page - Altera Corporation |
|
39 / 228 page ![]() Altera Corporation 3–3 September 2008 Preliminary IEEE Std. 1149.1 (JTAG) Boundary-Scan Support Tables 3–2 and 3–3 show the boundary-scan register length and device IDCODE information for HardCopy II devices. Boundary-Scan Test (BST) on HardCopy II Devices In order to run the boundary-scan test on HardCopy II devices, you need two files: 1. The generic HardCopy II BSDL file you can download from the Altera website at www.altera.com. 2. The PIN file for your design from the Quartus II software. With these two files, you must run through a tool called the BSDLCustomizer. Table 3–2. HardCopy II Boundary-Scan Register Length Device Boundary-Scan Register Length HC210W 1050 HC210 1050 HC220 1530 HC230 2154 HC240 2910 Table 3–3. 32-Bit HardCopy II Device IDCODE Device IDCODE (32 Bits) (1) Version (4 Bits) Part Number (16 Bits) Manufacturer Identity (11 Bits) LSB (1 Bit) (2) HC210W 0000 0010 0000 1100 0001 000 0110 1110 1 HC210 0000 0010 0000 1100 0010 000 0110 1110 1 HC220 0000 0010 0000 1100 0011 000 0110 1110 1 HC230 0000 0010 0000 1100 0100 000 0110 1110 1 HC240 0000 0010 0000 1100 0101 000 0110 1110 1 Notes to Table 3–3: (1) The most significant bit (MSB) is on the left. (2) The least significant bit (LSB) of IDCODE is always 1. |