| Moteur de recherche de fiches techniques de composants électroniques |
|
EPC2 Fiches technique(PDF) 6 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC2 Fiches technique(HTML) 6 Page - Altera Corporation |
|
6 / 36 page ![]() 6 Altera Corporation Configuration Devices for SRAM-based LUT Devices Data Sheet Figure 3 shows the configuration device block diagram. Figure 3. Configuration Device Block Diagram Notes to Figure 3: (1) Do not use EPC2 devices to configure FLEX 6000 devices. (2) The EPC1441, EPC1064, and EPC1064V devices do not support data cascading. The EPC2, EPC1, and EPC1213 devices support data cascading. (3) The OE pin is a bidirectional open-drain pin. DCLK nCS OE Decode Logic Address DATA DATA Shift Register EPROM Array nCS Decode Logic Address Oscillator Oscillator Control EPROM Array Shift Register DATA DATA DCLK nCASC nCASC (2) (2) PLD (except FLEX 8000) Configuration Using an EPC2, EPC1, or EPC1441 FLEX 8000 Device Configuration Using an EPC1, EPC1441, EPC1213, EPC1064, or EPC1064V Address Counter CLK ENA nRESET Error Detection Circuitry OE (3) Address Counter CLK ENA nRESET (1) |