| Moteur de recherche de fiches techniques de composants électroniques |
|
EP1C20F Fiches technique(PDF) 21 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1C20F Fiches technique(HTML) 21 Page - Altera Corporation |
|
21 / 106 page ![]() Altera Corporation 2–15 May 2008 Preliminary MultiTrack Interconnect Figure 2–10. LUT Chain and Register Chain Interconnects The C4 interconnects span four LABs or M4K blocks up or down from a source LAB. Every LAB has its own set of C4 interconnects to drive either up or down. Figure 2–11 shows the C4 interconnect connections from a LAB in a column. The C4 interconnects can drive and be driven by all types of architecture blocks, including PLLs, M4K memory blocks, and column and row IOEs. For LAB interconnection, a primary LAB or its LAB neighbor can drive a given C4 interconnect. C4 interconnects can drive each other to extend their range as well as drive row interconnects for column-to-column connections. LE 1 LE 2 LE 3 LE 4 LE 5 LE 6 LE 7 LE 8 LE 9 LE 10 LUT Chain Routing to Adjacent LE Local Interconnect Register Chain Routing to Adjacent LE's Register Input Local Interconnect Routing Among LEs in the LAB |