| Moteur de recherche de fiches techniques de composants électroniques |
|
GC4014 Fiches technique(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
GC4014 Fiches technique(HTML) 32 Page - Texas Instruments |
|
32 / 46 page ![]() GRAYCHIP, INC. - 27 - APRIL 27, 1999 GC4014 QUAD RECEIVER CHIP DATA SHEET REV 0.6 This document contains information which may be changed at any time without notice 5.18 COEFFICIENT STORAGE PAGES (PAGES 8, 9, 10 and 11) Addresses 16 to 31 are used to download the 32 user programmable filter coefficients when PAGE is set to 8, 9, 10 and 11. Page 8 is for coefficients 0 through 7, page 9 is for coefficients 8 through 15, page 10 is for coefficients 16 through 23, and page 11 is for coefficients 24 through 31, where coefficient 0 is the first coefficient and coefficient 31 is the middle coefficient of the filter’s impulse response. The 16 bit 2’s complement coefficients are stored in two bytes, least significant byte first, for example, the LSBs of coefficient 0 are stored in address 16 and the MSBs in address 17. TO LOAD A COEFFICIENT THE USER MUST WRITE THE LSBYTE FIRST FOLLOWED BY THE MSBYTE. Unknown values will be written into the LSBs if the MSB is written first. The coefficient registers are write only. |