Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR353-5-106 Fiches technique(PDF) 2 Page - Datatronic Distribution, Inc.

No de pièce DR353-5-106
Description  SMD INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATATRONICS [Datatronic Distribution, Inc.]
Site Internet  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR353-5-106 Fiches technique(HTML) 2 Page - Datatronic Distribution, Inc.

  DR353-5-106 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR353-5-106 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
March 6, 2007
DATATRONIC:
28151Highway 74, Romoland, CA 92585 Tel: 909-928-7700 Toll Free Tel: 888-889-5391 Fax: 909-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
4.7
0.3
5.0
0.3
1.7
Min.
1.3
Min.
1.3
Min.
BOTTOM VIEW
FRONT VIEW
5.7
0.3
353-5
XXX
TOP VIEW
PCB SOLDER PAD LAYOUT (REF.)
2
SCHEMATIC
1
2.0
2.0
5.0
2.0
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Irated for an approximate 40°C temperature rise
4.
Irated for an approximate 20% drop maximum of the initial value
5.
Tape and reel quantity, 1000 pcs/reel
6.
For non-RoHS parts replace DR prefix with 42- (e.g. DR353-5 becomes 42-353-5)
7.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com