Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR353-3-104 Fiches technique(PDF) 1 Page - Datatronic Distribution, Inc.

No de pièce DR353-3-104
Description  SMD INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATATRONICS [Datatronic Distribution, Inc.]
Site Internet  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR353-3-104 Fiches technique(HTML) 1 Page - Datatronic Distribution, Inc.

  DR353-3-104 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR353-3-104 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
March 6, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specification are subject to change without notice.
SMD INDUCTOR DR353-3 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 1.0µH to 2200.0µH
Operating Temp. -25°C to + 85°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance (
µH)
DCR
(
Ω) Max.
Q
Min.
I rated
(mA) Max.
SRF
(MHz) Min.
DR353-3-102
1.0
±20%
@1MHz
0.20
20
@1MHz
500
120
DR353-3-122
1.2
±20%
@1MHz
0.20
20
@1MHz
500
100
DR353-3-152
1.5
±20%
@1MHz
0.30
20
@1MHz
500
85
DR353-3-182
1.8
±20%
@1MHz
0.30
20
@1MHz
500
75
DR353-3-222
2.2
±20%
@1MHz
0.30
20
@1MHz
500
62
DR353-3-272
2.7
±20%
@1MHz
0.32
20
@1MHz
500
53
DR353-3-332
3.3
±20%
@1MHz
0.35
20
@1MHz
500
47
DR353-3-392
3.9
±20%
@1MHz
0.38
20
@1MHz
500
41
DR353-3-472
4.7
±20%
@1MHz
0.40
30
@1MHz
500
38
DR353-3-562
5.6
±20%
@1MHz
0.47
30
@1MHz
500
33
DR353-3-682
6.8
±20%
@1MHz
0.50
30
@1MHz
450
31
DR353-3-822
8.2
±20%
@1MHz
0.56
30
@1MHz
450
27
DR353-3-103
10
±10%
@1MHz
0.56
35
@1MHz
400
23
DR353-3-123
12
±10%
@1MHz
0.62
35
@1MHz
380
21
DR353-3-153
15
±10%
@1MHz
0.73
35
@1MHz
360
19
DR353-3-183
18
±10%
@1MHz
0.82
35
@1MHz
340
17
DR353-3-223
22
±10%
@1MHz
0.94
35
@1MHz
320
15
DR353-3-273
27
±10%
@1MHz
1.1
35
@1MHz
300
14
DR353-3-333
33
±10%
@1MHz
1.2
35
@1MHz
270
12
DR353-3-393
39
±10%
@1MHz
1.4
35
@1MHz
240
11
DR353-3-473
47
±10%
@1MHz
1.5
35
@1MHz
220
10
DR353-3-563
56
±10%
@1MHz
1.7
35
@1MHz
200
9.3
DR353-3-683
68
±10%
@1MHz
1.9
35
@1MHz
180
8.4
DR353-3-823
82
±10%
@1MHz
2.2
35
@1MHz
170
7.5
DR353-3-104
100
±10%
@1MHz
2.5
40
@796kHz
160
6.8
DR353-3-124
120
±10%
@1MHz
3.0
40
@796kHz
150
6.2
DR353-3-154
150
±10%
@1MHz
3.7
40
@796kHz
130
5.5
DR353-3-184
180
±10%
@1MHz
4.5
40
@796kHz
120
5.0
DR353-3-224
220
±10%
@1MHz
5.4
40
@796kHz
110
4.5
DR353-3-274
270
±10%
@1MHz
6.8
40
@796kHz
100
4.0
DR353-3-334
330
±10%
@1MHz
8.2
40
@796kHz
95
3.6
DR353-3-394
390
±10%
@1MHz
9.7
40
@796kHz
90
3.3
DR353-3-474
470
±10%
@1kHz
11.8
40
@796kHz
80
3.0
DR353-3-564
560
±10%
@1kHz
14.5
40
@796kHz
70
2.7
DR353-3-684
680
±10%
@1kHz
17.0
40
@796kHz
65
2.5
DR353-3-824
820
±10%
@1kHz
20.5
40
@796kHz
60
2.2
DR353-3-105
1000
±10%
@1kHz
25.0
40
@252kHz
50
2.0
DR353-3-125
1200
±10%
@1kHz
30.0
40
@252kHz
45
1.8
DR353-3-155
1500
±10%
@1kHz
37.0
40
@252kHz
40
1.6
DR353-3-185
1800
±10%
@1kHz
45.0
40
@252kHz
35
1.5
DR353-3-225
2200
±10%
@1kHz
50.0
40
@252kHz
30
1.3


Numéro de pièce similaire - DR353-3-104

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR353-3-104 DATATRONICS-DR353-3-104 Datasheet
88Kb / 2P
SMD INDUCTOR DR353-3 SERIES
More results

Description similaire - DR353-3-104

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com