Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR353-5-104 Fiches technique(PDF) 1 Page - Datatronic Distribution, Inc.

No de pièce DR353-5-104
Description  SMD INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATATRONICS [Datatronic Distribution, Inc.]
Site Internet  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR353-5-104 Fiches technique(HTML) 1 Page - Datatronic Distribution, Inc.

  DR353-5-104 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR353-5-104 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
March 6, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR353-5 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 0.12µH to 10.0mH
Operating Temp. -25°C to + 85°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance (
µH)
DCR
(
Ω) Max.
I rated
(mA) Max.
SRF
(MHz) Min.
DR353-5-121
0.12
±20%
@1MHz
0.0098
6000
450
DR353-5-271
0.27
±20%
@1MHz
0.0140
5300
300
DR353-5-471
0.47
±20%
@1MHz
0.0182
4800
200
DR353-5-102
1.0
±20%
@1MHz
0.0270
4000
150
DR353-5-152
1.5
±20%
@1MHz
0.0310
3700
110
DR353-5-222
2.2
±20%
@1MHz
0.0410
3200
80
DR353-5-332
3.3
±20%
@1MHz
0.0500
2900
40
DR353-5-472
4.7
±20%
@1MHz
0.0574
2700
30
DR353-5-682
6.8
±20%
@1MHz
0.1040
2000
25
DR353-5-103
10
±20%
@1MHz
0.1300
1700
20
DR353-5-153
15
±20%
@1MHz
0.210
1400
17
DR353-5-223
22
±20%
@1MHz
0.266
1200
15
DR353-5-333
33
±20%
@1MHz
0.448
900
12
DR353-5-473
47
±20%
@1MHz
0.560
800
10
DR353-5-683
68
±20%
@1MHz
0.938
640
7.6
DR353-5-104
10020%
@100kHz
1.204
560
6.5
DR353-5-154
150
±20%
@100kHz
2.660
420
5.0
DR353-5-224
220
±20%
@100kHz
3.360
320
4.0
DR353-5-334
330
±20%
@100kHz
6.160
270
3.1
DR353-5-474
470
±20%
@100kHz
7.560
240
2.4
DR353-5-684
680
±20%
@100kHz
11.340
190
1.9
DR353-5-105
1000
±20%
@10kHz
14.420
150
1.7
DR353-5-225
2200
±20%
@10kHz
30.100
100
1.2
DR353-5-475
4700
±20%
@10kHz
61.040
70
0.8
DR353-5-106
10000
±20%
@10kHz
140.000
50
0.5


Numéro de pièce similaire - DR353-5-104

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR353-5-104 DATATRONICS-DR353-5-104 Datasheet
85Kb / 2P
SMD INDUCTOR DR353-5 SERIES
More results

Description similaire - DR353-5-104

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com