Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR353-2-103 Fiches technique(PDF) 1 Page - Datatronic Distribution, Inc.

No de pièce DR353-2-103
Description  SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATATRONICS [Datatronic Distribution, Inc.]
Site Internet  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR353-2-103 Fiches technique(HTML) 1 Page - Datatronic Distribution, Inc.

  DR353-2-103 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
2.5
0.2
BOTTOM VIEW
2.0
0.3
0.7
Min.
FRONT VIEW
0.7
Min.
0.7
Min.
353-2
TOP VIEW
XXX
3.2
0.3
PCB SOLDER PAD LAYOUT (REF.)
SCHEMATIC
2
1
1.0
1.5
2.0
1.5
SMD INDUCTOR DR353-2 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 1.0µH to 560.0µH
Materials meet UL94V-0
Operating Temp. -25°C to + 85°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance (
µH)
DCR
(
Ω) Max.
I rated
(mA) Max.
SRF
(MHz) Min.
DR353-2-102
1.0
±20%
@1MHz
0.078
1000
100
DR353-2-222
2.2
±20%
@1MHz
0.126
790
64
DR353-2-472
4.7
±20%
@1MHz
0.195
450
43
DR353-2-103
10
±20%
@1MHz
0.572
300
26
DR353-2-223
22
±20%
@1MHz
0.923
250
19
DR353-2-473
47
±20%
@1MHz
1.69
170
15
DR353-2-104
100
±10%
@1MHz
4.55
100
10
DR353-2-224
220
±10%
@1MHz
10.92
70
6.8
DR353-2-334
330
±10%
@1MHz
13.00
60
5.6
DR353-2-394
390
±10%
@1MHz
22.10
60
5.0
DR353-2-474
470
±10%
@1MHz
24.70
60
5.0
DR353-2-564
560
±10%
@1MHz
28.60
60
5.0
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Irated for an approximate 40°C temperature rise
4.
Irated for an approximate 20% drop maximum of the initial value
5.
Tape and reel quantity, 2000 pcs/reel
6.
For non-RoHS parts replace DR prefix with 42- (e.g. DR353-2 becomes 42-353-2)
7.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C


Numéro de pièce similaire - DR353-2-103

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR353-2-103 DATATRONICS-DR353-2-103 Datasheet
81Kb / 1P
SMD INDUCTOR DR353-2 SERIES
More results

Description similaire - DR353-2-103

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com