Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY74FCT480ATPC Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce CY74FCT480ATPC
Description  Dual 8-Bit Parity Generator/Checker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT480ATPC Fiches technique(HTML) 4 Page - Texas Instruments

  CY74FCT480ATPC Datasheet HTML 1Page - Texas Instruments CY74FCT480ATPC Datasheet HTML 2Page - Texas Instruments CY74FCT480ATPC Datasheet HTML 3Page - Texas Instruments CY74FCT480ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT480ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT480ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT480ATPC Datasheet HTML 7Page - Texas Instruments CY74FCT480ATPC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY54/74FCT480T
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[4]
Max.
Unit
ICC
Quiescent Power Supply Current
VCC=Max., VIN < 0.2V,
VIN > VCC–0.2V
0.1
0.2
mA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max., VIN=3.4V,
[7]
f1=0, Outputs Open
0.5
2.0
mA
ICCD
Dynamic Power Supply Current[8]
VCC=Max., One Bit Toggling,
50% Duty Cycle, Outputs Open,
VIN < 0.2V or VIN > VCC–0.2V
0.06
0.12
mA/
MHz
IC
Total Power Supply Current[9]
VCC=Max.,
50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=2.5 MHz,
VIN < 0.2V or VIN > VCC–0.2V
0.7
1.4
mA
VCC=Max.,
50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=2.5 MHz,
VIN=3.4V or VIN=GND
1.0
2.4
mA
VCC=Max.,
50% Duty Cycle, Outputs Open,
Sixteen Bits Toggling at f1=2.5 MHz,
VIN < 0.2V or VIN > VCC–0.2V
2.5
5.0[10]
mA
VCC=Max.,
50% Duty Cycle, Outputs Open,
Sixteen Bits Toggling at f1=2.5 MHz,
VIN=3.4V or VIN=GND
6.5
21.0[10]
mA
Switching Characteristics Over the Operating Range
Description
FCT480AT
FCT480BT
Unit
Com’l
Military
Com’l
tPLH
tPHL
Propagation Delay
A to EVEN/ODD
7.5
7.0
7.0
6.6
5.6
5.6
ns
tPLH
[11]
tPHL
Propagation Delay
A to ERROR
7.0
8.5
7.0
8.1
5.6
6.5
ns
tPLH
tPHL
Propagation Delay
CHK/GEN to EVEN/ODD
6.5
7.5
6.3
7.4
5.9
5.9
ns
tPLH
[11]
tPHL
Propagation Delay
CHK/GEN to ERROR
7.5
7.0
7.1
6.9
5.7
5.5
ns
Notes:
7.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
8.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
9.
IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC = Quiescent Current with CMOS input levels
∆I
CC = Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH = Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
10. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.
11. tPLH is measured up to VOUT=VOL+0.3V



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com