Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY54FCT138TDMB Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce CY54FCT138TDMB
Description  1-of-8 Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT138TDMB Fiches technique(HTML) 1 Page - Texas Instruments

  CY54FCT138TDMB Datasheet HTML 1Page - Texas Instruments CY54FCT138TDMB Datasheet HTML 2Page - Texas Instruments CY54FCT138TDMB Datasheet HTML 3Page - Texas Instruments CY54FCT138TDMB Datasheet HTML 4Page - Texas Instruments CY54FCT138TDMB Datasheet HTML 5Page - Texas Instruments CY54FCT138TDMB Datasheet HTML 6Page - Texas Instruments CY54FCT138TDMB Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CY54FCT138T, CY74FCT138T
1-OF-8 DECODERS
SCCS013B – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D Dual 1-of-8 Decoder With Enables
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D CY54FCT138T
– 32-mA Output Sink Current
– 12-mA Output Source Current
D CY74FCT138T
– 64-mA Output Sink Current
– 32-mA Output Source Current
description
The ’FCT138T devices are 1-of-8 decoders. These devices accept three binary weighted inputs (A0, A1, A2)
and, when enabled, provide eight mutually exclusive active-low outputs (O0–O7). The ’FCT138T devices
feature three enable inputs: two active low (E1, E2) and one active high (E3).
All outputs are high unless E1 and E2 are low and E3 is high. This multiple-enable function allows easy parallel
expansion of the device to a 1-of-32 (five lines to 32 lines) decoder with just four ’FCT138T devices and one
inverter.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
PIN DESCRIPTION
NAME
DESCRIPTION
A
Address inputs
E1, E2
Enable inputs (active low)
E3
Enable input (active high)
O
Outputs
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
E1
E2
E3
O7
GND
VCC
O0
O1
O2
O3
O4
O5
O6
CY54FCT138T ...D PACKAGE
CY74FCT138T ...Q OR SO PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
O1
O2
NC
O3
O4
A2
E1
NC
E2
E3
CY54FCT138T . . . L PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Numéro de pièce similaire - CY54FCT138TDMB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CY54FCT138TDMB TI1-CY54FCT138TDMB Datasheet
468Kb / 12P
1-OF-8 DECODERS
CY54FCT138TDMB TI2-CY54FCT138TDMB Datasheet
246Kb / 12P
1-OF-8 DECODERS
REVISED OCTOBER 2001
More results

Description similaire - CY54FCT138TDMB

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138_03 Datasheet
103Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
KODENSHI_AUK CORP.
KK74HC138A KODENSHI-KK74HC138A Datasheet
225Kb / 6P
1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com