Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMFL2812S/HO Fiches technique(PDF) 13 Page - Crane Aerospace & Electronics.

No de pièce SMFL2812S/HO
Description  SMFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRANE [Crane Aerospace & Electronics.]
Site Internet  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFL2812S/HO Fiches technique(HTML) 13 Page - Crane Aerospace & Electronics.

Back Button SMFL2812S/HO Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 9Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 10Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 11Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 12Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 13Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Class H and K, QMl sCreening: radiation
Notes:
1. Our EMI filters are designed exclusively with passive components providing maximum
tolerance for space environment requirements
2. Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash)
Radiation Hardness Assurance level of MIL-PRF-38534, which is defined as “no RHA”
3. Non-QML products do not meet all of the requirements of MIL-PRF-38534
4. Redmond site, Interpoint, has a DSCC approved radiation plan. Our SMD products with RHA level
“R” code meet DSCC requirements
product LeVeL aVaiLabiLity
enVironMentaL screeninG LeVeLs
space
radiation Hardness
prototype o2 cLass H cLass K
assurance LeVeLs
non-QML3
QML
QML
o: Standard, no radiation guarantee2
OO
HO
Not
available
r: Radiation hardened – Tested lots
Not
Up to 100 K Rads (Si) total dose
available
HR4
KR4
SEU guarantee up to 40 MeV
Crane Aerospace & Electronics Power Solutions
SMFL Single and Dual, Rev H - 20061102. This revision supercedes all previous releases. All technical information is believed to be accurate, but
no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. SMFL
Series is a trademark of Interpoint. Copyright © 1999 - 2006 Interpoint Corporation. All rights reserved. www.craneae.com
Page 13 of 13
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13