Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74FCT573M Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce CD74FCT573M
Description  BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT573M Fiches technique(HTML) 2 Page - Texas Instruments

  CD74FCT573M Datasheet HTML 1Page - Texas Instruments CD74FCT573M Datasheet HTML 2Page - Texas Instruments CD74FCT573M Datasheet HTML 3Page - Texas Instruments CD74FCT573M Datasheet HTML 4Page - Texas Instruments CD74FCT573M Datasheet HTML 5Page - Texas Instruments CD74FCT573M Datasheet HTML 6Page - Texas Instruments CD74FCT573M Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
8-2
Functional Diagram
IEC Logic Symbol
TRUTH TABLE (Note 1)
OUTPUT
ENABLE
LATCH
ENABLE
DATA
OUTPUT
L
HHH
LHL
L
LL
l
L
LLh
H
HX
X
Z
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
l = Low voltage level one set up time prior to the high to low latch enable transition.
h = High voltage level one set up time prior to the high to low latch enable transition.
X = Irrelevant
Z = High Impedance
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D0
D1
D2
D3
D4
D5
D6
D7
11
GND = PIN 10
VCC = PIN 20
1
LE
OE
12
CD74FCT573, CD74FCT573AT
19
18
17
16
EN
1
2
3
4
5
15
14
13
12
6
7
8
9
C1
11
1D
CD74FCT573, CD74FCT573AT



Html Pages

1 2 3 4 5 6 7