Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74FCT564 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce CD74FCT564
Description  BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT564 Fiches technique(HTML) 2 Page - Texas Instruments

  CD74FCT564 Datasheet HTML 1Page - Texas Instruments CD74FCT564 Datasheet HTML 2Page - Texas Instruments CD74FCT564 Datasheet HTML 3Page - Texas Instruments CD74FCT564 Datasheet HTML 4Page - Texas Instruments CD74FCT564 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8-2
Functional Diagram
IEC Logic Symbols
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D0
D1
D2
D3
D4
D5
D6
D7
1
GND = PIN 10
VCC = PIN 20
11
OE
CP
12
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CD74FCT574
CD74FCT564
TRUTH TABLE (NOTE 1)
INPUTS
OUTPUTS
CD74FCT564
CD74FCT574
OE
CP
DN
QN
QN
L
↑
HL
H
L
↑
LH
L
LL
X
Qo
Qo
HX
X
Z
Z
NOTE:
1. H = High Level (Steady State)
L = Low Level (Steady State)
X = Don't Care
↑ = Transition from low to high level
Qo = The level of Q before the indicated steady state input
conditions were established.
Z = HIGH Impedance
CD74FCT564
CD74FCT574
19
18
17
16
EN
1
2
3
4
5
15
14
13
12
6
7
8
9
>C1
11
1D
19
18
17
16
EN
1
2
3
4
5
15
14
13
12
6
7
8
9
>C1
11
1D
CD74FCT564, CD74FCT574



Html Pages

1 2 3 4 5