Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT74E Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74ACT74E
Description  Dual D-Type Flip-Flop with Set and Reset Positive-Edge-Triggered
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT74E Fiches technique(HTML) 7 Page - Texas Instruments

  CD74ACT74E Datasheet HTML 1Page - Texas Instruments CD74ACT74E Datasheet HTML 2Page - Texas Instruments CD74ACT74E Datasheet HTML 3Page - Texas Instruments CD74ACT74E Datasheet HTML 4Page - Texas Instruments CD74ACT74E Datasheet HTML 5Page - Texas Instruments CD74ACT74E Datasheet HTML 6Page - Texas Instruments CD74ACT74E Datasheet HTML 7Page - Texas Instruments CD74ACT74E Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 4. PROPAGATION DELAY TIMES
CD74AC
CD74ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD74AC74, CD74ACT74



Html Pages

1 2 3 4 5 6 7 8