| Moteur de recherche de fiches techniques de composants électroniques |
|
MOR283R3SW/ES Fiches technique(PDF) 20 Page - Crane Aerospace & Electronics. |
|
|
|||||||||||||||||||||||||||||
MOR283R3SW/ES Fiches technique(HTML) 20 Page - Crane Aerospace & Electronics. |
|
20 / 21 page ![]() MOR Single and Dual DC/DC Converters Crane Aerospace & Electronics Power Solutions Page 20 of 21 Rev G - 20060418 www.craneae.com 28 VOLT INPUT – 120 WATT 883, CLASS H, QML PRODUCTS – ELEMENT EVALUATION Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SLAM™: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy Notes: 1. Non-QML products do no meet all of the requirements of MIL-PRF-38534 2. M/S = Active components (Microcircuit and Semiconductor Die) 3. P = Passive components 4. Not applicable to EMI filters that have no wire bonds ELEMENT EVALUATION STANDARD CLASS H, TEST PERFORMED (NON-QML)1 QML (COMPONENT LEVEL)M/S2 P3 M/S2 P3 Element Electrical (probe) yes no yes yes Element Visual no no yes yes Internal Visual no no yes no Final Electrical no no yes yes Wire Bond Evaluation4 no no yes yes SLAM™/C-SAM: Input Capacitors only no no no yes (Add’l test, not req. by H or K) |