| Moteur de recherche de fiches techniques de composants électroniques |
|
CD54HC74 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD54HC74 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() 2 Functional Diagram TRUTH TABLE INPUTS OUTPUTS SET RESET CP D Q Q LH X X HL H L XX L H L L X X H (Note 3) H (Note 3) H H ↑ HH L H H ↑ LL H HH L X Q0 Q0 NOTE: H = High Level (Steady State) L = Low Level (Steady State) X = Don’t Care ↑ = Low-to-High Transition Q0 = the level of Q before the indicated input conditions were established. 3. This configuration is nonstable, that is, it will not persist when set and reset inputs return to their inactive (high) level. RESET DATA RESET SET 1 2 3 13 5 6 Q Q 10 CLOCK 4 SET DATA 12 11 9 8 Q Q CLOCK D CP R F/F 2 S GND = PIN 7 VCC = PIN 14 D CP R F/F 1 S CD54HC74, CD74HC74, CD74HCT74 |