| Moteur de recherche de fiches techniques de composants électroniques |
|
MHD2805S/883 Fiches technique(PDF) 10 Page - Crane Aerospace & Electronics. |
|
|
|||||||||||||||||||||||||||||
MHD2805S/883 Fiches technique(HTML) 10 Page - Crane Aerospace & Electronics. |
|
10 / 11 page ![]() B8-28 CASE K CASES 0.155 (3.94) 0.955 (24.26) 6 10 7 8 9 0.040 dia (1.02) 0.040 dia (1.02) 6 10 7 8 9 0.040 dia (1.02) 0.155 (3.94) 0.955 (24.26) 0.155 (3.94) 0.955 (24.26) Bathtub Platform Seam Seal Seam Seal Platform Seam Seal 0.000 1.110 (28.19) 12 6 10 Flanged cases: Designator required in Case Option position of model number. MTR Series Single, MHV Series Single and Dual, MHD Series: Screening – Standard, ES, or 883 MTR Series Dual: Screening – 883 SMTR Series: Screening – Space Standard, H, or K BOTTOM VIEW CASE K3 345 7 8 9 12 345 12 345 0.555 (14.1) 0.000 1.110 (28.19) 0.555 (14.1) 0.000 1.110 (28.19) 0.555 (14.1) Dot on top of case indicates pin one Dot on top of case indicates pin one Dot on top of case indicates pin one MTR Series Single and SMTR Series Single MHV Series Single and Dual MHD Series, MTR Series Dual (883), and SMTR Series Dual FIGURE 44: CASE K3 |