Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74FCT245M Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74FCT245M
Description  BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT245M Fiches technique(HTML) 2 Page - Texas Instruments

  CD74FCT245M Datasheet HTML 1Page - Texas Instruments CD74FCT245M Datasheet HTML 2Page - Texas Instruments CD74FCT245M Datasheet HTML 3Page - Texas Instruments CD74FCT245M Datasheet HTML 4Page - Texas Instruments CD74FCT245M Datasheet HTML 5Page - Texas Instruments CD74FCT245M Datasheet HTML 6Page - Texas Instruments CD74FCT245M Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Functional Diagram
IEC Logic Symbol
TRUTH TABLE (NOTE 1)
CONTROL INPUTS
OPERATION
OE
DIR
L
L
B Data to A Bus
L
H
A Data to B Bus
H
X
Isolation
NOTES:
1. H = High Voltage Level
L = Low Voltage Level
X = Irrelevant
2. To prevent excess currents in the High-Z (isolation) modes, all I/O terminals should be terminated
with 10k
Ω to 1 MΩ resistors.
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
B0
B1
B2
B3
B4
B5
B6
B7
A0
A1
A2
A3
A4
A5
A6
A7
1
GND = PIN 10
VCC = PIN 20
19
DIR
OE
11
CD74FCT245, CD54FCT245
18
17
16
G3
3
4
5
15
14
13
12
6
7
8
9
3EN1
11
3EN1
19
1
1
2
2
CD54FCT245, CD74FCT245



Html Pages

1 2 3 4 5 6 7