| Moteur de recherche de fiches techniques de composants électroniques |
|
WFD80EXP Fiches technique(PDF) 1 Page - Systemsensor advanced ideas. |
|
|
|||||||||||||||||||||||||||||
WFD80EXP Fiches technique(HTML) 1 Page - Systemsensor advanced ideas. |
|
1 / 2 page ![]() System Sensor’s WFDEXP series is designed to handle extreme conditions. These units are ideal for installation in hazardous locations classified as follows: Class I, Groups B, C, D, Division 1 & 2 Class II, Groups E, F, G, Division 1 & 2 Class III, Division 1 & 2 Robust Construction. The WFDEXP series consists of a rugged, NEMA 4 rated cast aluminum housing. Designed for both indoor and outdoor use, the WFDEXP series operates across a wide temperature range, from 32ºF to 160ºF. Inside, two sets of SPDT (Form C) synchronized switches are enclosed in a rugged terminal block, to assure reliable performance. Reliable Performance. The WFDEXP series offers unique features that assure greater operational reliability. By housing the spring mechanism separately from the explosion environment, the sensitivity of the adjustment spring and the detector is protected at all times. Adding to the WFDEXP’s reliability is its sealed retard mechanism, which prevents contamination by dust and dirt when the cover is removed. Simplified Operation. Like all System Sensor waterflow detectors, the WFDEXP series is designed to ease installation. With its visible switch activation, the WFDEXP’s retard timing can be verified, even during noisy conditions. Product Overview WFD40EXP New WFD30-2EXP models install in 2″ hole sizes Designed and approved to operate in hazardous locations NEMA 4 enclosure rating Sensitivity setting spring mechanism located outside of explosion environment Sealed retard mechanism Visual switch activation Synchronized activation circuit Field-replaceable terminal block and retard mechanism Only one conduit entrance required for hook-up E200116 C169 3006195 44-00-E Models Available WFD20EXP WFD40EXP WFD25EXP WFD50EXP WFD30-2EXP WFD60EXP WFD35EXP WFD80EXP Replacement Parts A77-01-02 TerminalBlock A3008-00 RetardMechanism WFDRK HardwareKit WFDEXP Explosion Proof Waterflow Detector S p r i n k l e r S y S t e m S m o n i t o r i n g |
Numéro de pièce similaire - WFD80EXP |
|
Description similaire - WFD80EXP |