| Moteur de recherche de fiches techniques de composants électroniques |
|
SC2415 Fiches technique(PDF) 1 Page - Systemsensor advanced ideas. |
|
|
|||||||||||||||||||||||||||||
SC2415 Fiches technique(HTML) 1 Page - Systemsensor advanced ideas. |
|
1 / 4 page ![]() Models Available Strobe Models White Red SC2415W SC2415 SC241575W SC241575 SC2430W SC2430 SC2475W SC2475 SC2495W SC2495 SC24115W SC24115 SC24177W SC24177 Horn/Strobe Models White Red PC2415W PC2415 PC241575W PC241575 PC2430W PC2430 PC2475W PC2475 PC2495W PC2495 PC24115W PC24115 PC24177W PC24177 Accessory Mounting Plates White Red BBSCW BBSC System Sensor’s SpectrAlert® ceiling mount series strobes and horn/strobes offer a fresh approach to addressing the unique needs for ceiling mount applications. Technology. Like the original SpectrAlert, the SpectrAlert ceiling mount series offer significant current draw reductions over other ceiling mount strobes and horn/strobes. Installation. SpectrAlert’s compact design also offers installation savings. The strobe and horn/strobe models mount to a 4˝×4˝×11⁄2˝ back box, and take up little room in the back box, making connections easier. And with SpectrAlert’s round shape, it is not necessary to align the back box with the room’s walls. SpectrAlert always lines up. Flexibility. SpectrAlert ceiling mount strobes and horn/strobes are available in seven different candelas, including 177 candela for sleeping areas. The horn/ strobe’s tones are field-selectable through the use of a three position switch located on the back of the unit. Selections include electromechanical and 3 KHz tones, temporal and non-temporal patterns, and high and low volume. Aesthetics. SpectrAlert ceiling strobes and horn/strobes offer a design that is sensi- tive to the aesthetic demands of ceiling mount applications. The round shape main- tains a low profile appearance, similar to that of a smoke detector and provides clearly visible “FIRE” identification from all angles. Lower current draw Available in 15, 15/75, 30, 75, 95, 115, and 177 candela Horn/strobe models include a three position switch for field-selecting horn tones: - Electromechanical/3KHz - Temporal/Non-temporal - High/Low dBA output Ceiling-specific shape, profile, and aesthetics Synchronizable with MDL Sync•Circuit™ module Mounts to 4˝× 4˝× 11⁄2˝ back box Round shape offers greater placement flexibility Product Overview StandardApplication Auxiliar yFormCRelay SC241575W PC2475W BBSCW Ceiling Mount Series Strobes and Horn/Strobes A u d i b l e / V i s i b l e N o t i f i c A t i o N S5512 S4011 7125-1209:201 7135-1209:204 3006566 61-00-E 144-00-E |
Numéro de pièce similaire - SC2415 |
|
Description similaire - SC2415 |