Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPR Fiches technique(PDF) 4 Page - Systemsensor advanced ideas.

No de pièce SPR
Description  Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SPR Fiches technique(HTML) 4 Page - Systemsensor advanced ideas.

  SPR Datasheet HTML 1Page - Systemsensor advanced ideas. SPR Datasheet HTML 2Page - Systemsensor advanced ideas. SPR Datasheet HTML 3Page - Systemsensor advanced ideas. SPR Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2008 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0424-002•5/08•#1986
Ordering Information for SpectrAlert® Advance Speakers and Speaker Strobes
Wall Mount
White
Red
Description
SPW
SPR
Speaker only
SPWV
SPRV
Speakeronly,HighdB
SPSW*
SPSR*
Speaker Strobe, Selectable Candela (15, 15/75, 30, 75, 95, 110, 115)
SPSWH*
SPSRH*
Speaker Strobe, Selectable Candela, High cd (135, 150, 177, 185)
SPSWV*
SPSRV*
SpeakerStrobe,SelectableCandela(15,15/75,30,75,95,110,115),HighdB
Ceiling Mount
White
Red
Description
SPCW
SPCR
Speaker only
SPCWV
SPCRV
Speakeronly,HighdB
SPSCW*
SPSCR
Speaker Strobe, Selectable Candela (15, 15/75, 30, 50, 75, 95, 110, 115)
SPSCWH*
SPSCRH
Speaker Strobe, Selectable Candela, High cd (135, 150, 177, 185)
SPSCWV*
SPSCRV
SpeakerStrobe,SelectableCandela(15,15/75,30,75,95,110,115),HighdB
SPSCWVH*
SPSCRVH
SpeakerStrobe,SelectableCandela,HighdB,Highcd(135,150,177,185)
Accessories
White
Red
Description
RFPW
RFP
7in×9.5inRetrofitPlate
SPBBSCW
SPBBSC
CeilingMountBackBoxSkirt
SPBBSW
SPBBS
WallMountBackBoxSkirt
TRW
TR
WallMountTrimRing
TRCW
TRC
CeilingMountTrimRing
* Add -P to model number for plain housing (no “FIRE” marking on the cover) e.g. SPSW-P
Surface Mounting
Ceiling Mount Speaker with SPBBSCW Back Box Skirt
Wall Mount Speaker Strobe with SPBBS Back Box Skirt



Html Pages

1 2 3 4