Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BEAM200 Fiches technique(PDF) 2 Page - Systemsensor advanced ideas.

No de pièce BEAM200
Description  BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

BEAM200 Fiches technique(HTML) 2 Page - Systemsensor advanced ideas.

  BEAM200 Datasheet HTML 1Page - Systemsensor advanced ideas. BEAM200 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2008 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0364-004•11/08•#2048
Ordering Information
Part No.
Description
BEAM200
Intelligentbeamsmokedetectorwith8˝reflector
BEAM200S
Intelligentbeamsmokedetectorwith8˝reflector
and integral sensitivity test
Accessories
BEAMLRK
Long range accessory kit (3) additional reflectors
(Required for applications in excess of 230 ft [70 m])
BEAMMMK
Multi-mount kit (Provides ceiling or wall mount
capability with increased angular adjustment for
either the beam or the reflector. When installed with
the transmitter/receiver unit, BEAMSMK must be
used as well)
BEAMSMK
Surface mount kit for use with BEAMMMK
6500-MMK
Heavy duty multi-mount kit (for installations prone to
vibration or where there is difficulty in maintaining
the set angle. When installed with the transmitter/
receiver unit, 6500-SMK must be used as well)
6500-SMK
Surface mount kit for use with the 6500-MMK
BEAMHK
Heater kit for transmitter/receiver unit (See electrical
requirements above)
BEAMHKR
Heater kit for reflector (See electrical requirements
above)
RTS451KEY
Remote test station with key lock
RTS451
Remote test station used to initiate the NFPA
sensitivity test function
BEAM200 and BEAM200S Specifications
Operational Specifications
Protection Range
16 ft to 328 ft (5 m to 100 m)
Adjustment Angle
±10 Degrees horizontal & vertical
(The optics move independent of the unit)
Sensitivity Levels
Level 1 – 25%
Level 2 – 30%
Level 3 – 40%
Level 4 – 50%
AcclimateLevel 1 – 30 to 50%
Acclimate Level 2 – 40 to 50%
Fault Condition (Trouble) 96% or more obscuration blockage
Inalignmentmode
Improperinitialalignment
Self-compensation limit reached
Alignment Aid
Optical gunsight
Integralsignalstrengthindication
2 digit display
Alarm Indicator
Local red LED and remote alarm
Trouble Indicator
Local yellow LED and remote trouble
Normal Indicator
Local flashing green LED
Test/Reset Features
IntegralSensitivityTestFilter(BEAM200Sonly,
requires additional external power supply)
Sensitivityfilter(Incrementalscaleonreflector)
Local test switch
Local reset switch
Remotetestandresetswitch(Compatiblewith
RTS451 and RTS451KEY test station)
Smoke Detector Spacing On smooth ceilings, 30 to 60 feet between
projected beams and not more than one-half
that spacing between a projected beam and a
sidewall. Other spacing may be used depending
on ceiling height, airflow characteristics, and
response requirements. See NFPA 72.
Environmental Specifications
Temperature
–22°Fto131°F(–30°Cto55°C)
Humidity
10 to 93% RH Noncondensing
Electrical Specifications
Voltage
15to32VDC
Avg. Standby Current (24VDC)
2 mA Max
Avg. Current During Testing
500 mA Max
Alarm Current (24VDC)
8.5 mA Max
Fault Current (24VDC)
4.5 mA Max
Alignment Mode Current (24VDC) 20 mA Max
Mechanical Specifications
Detector Dimensions
10 in H × 7.5 in W × 3.3 in D
(254 mm H × 191 mm W × 84 mm D)
Reflector Dimensions (16′ to 230′) 7.9 in × 9.1 in (200 mm × 230 mm)
Reflector Dimensions
(beyond 230′)
15.7 in × 18.1 in (400 mm × 460 mm)
Electrical Specifications (BEAMHK)
Voltage
15 to 32 V
Current
92 mA at 32 V
Power Consumption
1.6 W at 24 V; 3 W at 32 V
+ –
+
+
+
TO NEXT
DEVICE
FROM PANEL OR
PREVIOUS DEVICE
LISTED
REMOTE
POWER
SOURCE
*Only used for
BEAM200S. See
electrical ratings.
COMMUNICATION LINE
32 VDC MAX.
TWISTED PAIR IS
RECOMMENDED.
+
T3
T2
T1
ALIGNMENT
SENSITIVITY
TEST
ALIGNMENT SIGNAL
STRENGTH METER
HORIZONTAL OPTICS
ALIGNMENT KNOB
VERTICAL OPTICS
ALIGNMENT KNOB
OPTICAL GUNSIGHT
RESET
Activated Test Feature
(BEAM200S only)
+
+
+
+
SERVO MOTOR
TEST FILTER
Electrical Specifications (BEAMHKR)
Voltage
15 to 32 V
Current
450 mA Max at 32 V (per reflector)
Power Consumption
7.7 W at 24 V; 15 W at 32 V (per reflector)
BEAM200(S) Parts



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com