Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSS-2-70 Fiches technique(PDF) 1 Page - Merrimac Industries, Inc.

No de pièce PSS-2-70
Description  PHASE SHIFTERS, MANUAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERRIMAC [Merrimac Industries, Inc.]
Site Internet  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PSS-2-70 Fiches technique(HTML) 1 Page - Merrimac Industries, Inc.

  PSS-2-70 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
Typical Performance
PSS-2 Series
PHASE SHIFTERS, MANUAL
10 to 400 MHz / 0 to 90 / 10% Bandwidth / Multi-Turn Adjustment, High Resolution Models
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Center
Usable
Model
Frequency,
Bandwidth,
Number
fo, MHz
MHz
PSS-2-70
70
66.5 - 73.5
PSS-2-**B
10 to 400
fo
± 5%
For complete Model Number replace ***with desired Center Frequency, fo in MHz.
GENERAL SPECIFICATIONS
Phase Shift Range:
90° min.
Insertion Loss:
1.5 dB max.
Impedance:
50
Ω nom.
VSWR:
1.6:1 max.
Screw Drive:
Multi-turn
(insertion phase increases with clockwise rotation)
Turns for max. Phase Shift
10 MHz to 125 MHz:
32 turns nom.
100 MHz to 500 MHz:
18 turns nom.
CW Power:
0.5 Watts max.
Package:
PC Plug-In
Weight, nominal:
1.1 oz. (31 g)
Operating Temp:
-- 55° to +85°C
General Notes:
1. The PSS-2 series provides continuously variable phase shift across the range
of 0
° to 90° using a precision, multi-turn screw adjustment.
2. These phase shifters employ lumped element quadrature hybrids with
capacitor tuned LC networks acting as sliding short circuits on the outputs. The
electrical length of the short effectively delays the reflected signal which appears
at the isolated port of the quadrature hybrid.
3. Similar phase shifters are available in a variety of connectorized packages as
well as electronically tuned models in flatpacks and Meri-Pacs.
15Feb96
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. All unmarked pins are internally ground.


Numéro de pièce similaire - PSS-2-70

FabricantNo de pièceFiches techniqueDescription
logo
Good Will Instrument Co...
PSS-2005 GWINSTEK-PSS-2005 Datasheet
159Kb / 1P
PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Phihong USA Inc.
PSS-22U-033 PHIHONG-PSS-22U-033 Datasheet
130Kb / 2P
24 Watt Universal Input Medical Adapter Series
PSS-22U-050 PHIHONG-PSS-22U-050 Datasheet
130Kb / 2P
24 Watt Universal Input Medical Adapter Series
PSS-22U-120 PHIHONG-PSS-22U-120 Datasheet
130Kb / 2P
24 Watt Universal Input Medical Adapter Series
PSS-22U-150 PHIHONG-PSS-22U-150 Datasheet
130Kb / 2P
24 Watt Universal Input Medical Adapter Series
More results

Description similaire - PSS-2-70

FabricantNo de pièceFiches techniqueDescription
logo
Merrimac Industries, In...
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
PHASE SHIFTERS
PS-4-30 MERRIMAC-PS-4-30 Datasheet
117Kb / 1P
PHASE SHIFTERS, MANUAL
PS-5-5B MERRIMAC-PS-5-5B Datasheet
95Kb / 1P
PHASE SHIFTERS, MANUAL
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
PHASE SHIFTERS
PSM-2-10B MERRIMAC-PSM-2-10B Datasheet
95Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2A-60 MERRIMAC-PSM-2A-60 Datasheet
96Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2B-10B MERRIMAC-PSM-2B-10B Datasheet
121Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-3-60 MERRIMAC-PSM-3-60 Datasheet
102Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-4E-10B MERRIMAC-PSM-4E-10B Datasheet
101Kb / 1P
PHASE SHIFTERS, MANUAL
PSP-4-10B MERRIMAC-PSP-4-10B Datasheet
133Kb / 1P
PHASE SHIFTERS, MANUAL
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com