Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSAM-3-0.5B Fiches technique(PDF) 1 Page - Merrimac Industries, Inc.

No de pièce PSAM-3-0.5B
Description  PHASE SHIFTERS, ANALOG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERRIMAC [Merrimac Industries, Inc.]
Site Internet  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PSAM-3-0.5B Fiches technique(HTML) 1 Page - Merrimac Industries, Inc.

  PSAM-3-0.5B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
PSAM Series
PHASE SHIFTERS, ANALOG
500 to 2500 MHz / 0 to 180 and 0 to 360 / 10% Bandwidth / Voltage Controlled / SMA
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
GENERAL SPECIFICATIONS
Bandwidth:
10% of fo
Insertion Loss:
PSAM-3 series@ 1 GHz:
3 dB typ.
@ 2.5 GHz: 4 dB typ.
PSAM-4 series@ 1 GHz:
4 dB typ.
@ 2.5 GHz: 6 dB typ.
Modulation Rate:
1% of fo nom.
Impedance:
50
Ω nom.
VSWR:PSAM-3 series:
2.0:1 max.
PSAM-4 series:
2.5:1 max.
Input Power:
0 dBm max.*
Control Voltage for
full range:
0.5 to +30 Vmax.
Connectors:
SMA Female
Weight, nominal:
4 oz. (112 g)
Phase Stability, typical:
PSAM-3 series:
0.1° per °C
PSAM-4 series:
0.2° per °C
Operating Temp:
-- 55° to +85°C
*Unit may be operated at +10 dBm in reduced control range
of 1.5 - 15 V. (+30 V no damage)
OPTIONAL SPECIFICATIONS
Lower Frequencies:
see PSEM series
Flatpack Version:
see PEF series
PRINCIPAL SPECIFICATIONS
Center
Phase
Model
Frequency,
Shift
Number
fo, GHz
Range
PSAM-3-***B
0.5 to 2.5
180° at fo
PSAM-4-***B
0.5 to 2.5
360° at fo
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
General Notes:
1. The PSAM series of voltage controlled analog phase shifters controls phase shift using a voltage of 0 to +30V. On PSAM-3 models the full
range is from 0° to 180° and on PSAM-4 this is extended to 0° to 360° by cascading two similar 180° phase shifters.
2. Each phase shifter element employs Filmbrid
™ quadrature hybrids with matched pairs of varactor tuned LC networks acting as sliding short
circuits on the outputs. The electrical length of short effectively delays the reflected signal which appears at the isolated port of each quadrature
hybrid.
3. Similar phase shifters are available in a variety of packages including catalog models in flatpacks and Meri-Pacs.
4. Merrimac phase shifters are designed for high reliability and can be supplied screened to meet specific military and space applications.
15Feb96
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.


Numéro de pièce similaire - PSAM-3-0.5B

FabricantNo de pièceFiches techniqueDescription
logo
Comus International
PSAM-240 COMUS-PSAM-240 Datasheet
407Kb / 1P
Proximity Switch - Reed Switch based
PSAM-400 COMUS-PSAM-400 Datasheet
400Kb / 1P
Proximity Switch - Reed Switch based
More results

Description similaire - PSAM-3-0.5B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PEF-03A ETC2-PEF-03A Datasheet
91Kb / 1P
PHASE SHIFTERS
logo
Advanced Technical Mate...
P1503 ATM-P1503 Datasheet
169Kb / 1P
PHASE SHIFTERS
logo
Merrimac Industries, In...
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
PHASE SHIFTERS
PEG-3E-25B MERRIMAC-PEG-3E-25B Datasheet
105Kb / 1P
PHASE SHIFTERS
PEP-3R-60 MERRIMAC-PEP-3R-60 Datasheet
70Kb / 1P
PHASE SHIFTERS
PEP-4S-10B MERRIMAC-PEP-4S-10B Datasheet
127Kb / 1P
PHASE SHIFTERS
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
PHASE SHIFTERS
PSEF-3E-10B MERRIMAC-PSEF-3E-10B Datasheet
86Kb / 1P
PHASE SHIFTERS
PSES-4-5B MERRIMAC-PSES-4-5B Datasheet
102Kb / 1P
PHASE SHIFTERS
logo
Yantel Corporation
P12110C YANTEL-P12110C Datasheet
493Kb / 3P
Phase Shifters
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com