Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS-5-5B Fiches technique(PDF) 1 Page - Merrimac Industries, Inc.

No de pièce PS-5-5B
Description  PHASE SHIFTERS, MANUAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERRIMAC [Merrimac Industries, Inc.]
Site Internet  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PS-5-5B Fiches technique(HTML) 1 Page - Merrimac Industries, Inc.

  PS-5-5B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance
PS-5 Series
PHASE SHIFTERS, MANUAL
5 to 200 MHz / 0 to 360 Continuously Variable / 10% Bandwidth / BNC Connectors
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973575-1300 /FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Center
Model
Frequency,
Usable
Number
fo, MHz
Bandwidth
PS-5-***B
5 to 200
fo
± 5%
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
GENERAL SPECIFICATIONS
Phase Shift Range:
360° min. @ fo
Insertion Loss:
2 dB max.
Impedance:
50
Ω nom.
VSWR:
1.75:1 max.
CW Power:
1 Watt max.
Drive:
Knob/Lock
Drive Rotation for
maximum phase shift: Half-Turn nom.
Weight, nominal:
16 oz (455 g)
Operating Temp:
-- 55° to +85°C
General Notes:
1. The PS-5 series of manual phase shifters covers the 5 to 200 MHz frequency
range providing continuously variable phase shift 0° to 360°. This is
accomplished by cascading two 180° shifters for a total of 360°. A lock is
provided to avoid unintentionally changing the intended setting.
2. These models employ a pair of lumped element quadrature hybrids with
matched pairs of L-C networks acting as sliding short circuits on the outputs.
The electrical length of the shorts effectively delays the reflected signal which
appears at the isolated ports of the quad hybrids.
3. Merrimac Phase Shifters are designed for high reliability, and can be supplied
screened for specific applications.
NOTES:
1. Tolerance on 3 place dimensions
±0.20 (0.51) except as noted.
2. Insertion loss increases with clockwise rotation of knob.
3. Dimensions in inches over millimeters.
4. Dial is uncalibrated.
Package Outline
15Feb96


Numéro de pièce similaire - PS-5-5B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PS-5-INT ETC2-PS-5-INT Datasheet
493Kb / 2P
230V Power Strip with 5 IEC-320 Outlets
More results

Description similaire - PS-5-5B

FabricantNo de pièceFiches techniqueDescription
logo
Merrimac Industries, In...
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
PHASE SHIFTERS
PS-4-30 MERRIMAC-PS-4-30 Datasheet
117Kb / 1P
PHASE SHIFTERS, MANUAL
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
PHASE SHIFTERS
PSM-2-10B MERRIMAC-PSM-2-10B Datasheet
95Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2A-60 MERRIMAC-PSM-2A-60 Datasheet
96Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2B-10B MERRIMAC-PSM-2B-10B Datasheet
121Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-3-60 MERRIMAC-PSM-3-60 Datasheet
102Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-4E-10B MERRIMAC-PSM-4E-10B Datasheet
101Kb / 1P
PHASE SHIFTERS, MANUAL
PSP-4-10B MERRIMAC-PSP-4-10B Datasheet
133Kb / 1P
PHASE SHIFTERS, MANUAL
PSS-2-70 MERRIMAC-PSS-2-70 Datasheet
71Kb / 1P
PHASE SHIFTERS, MANUAL
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com