Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D83S-D Fiches technique(PDF) 1 Page - Frequency Devices, Inc.

No de pièce D83S-D
Description  Programmable Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREQUENCYDEVICES [Frequency Devices, Inc.]
Site Internet  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D83S-D Fiches technique(HTML) 1 Page - Frequency Devices, Inc.

  D83S-D Datasheet HTML 1Page - Frequency Devices, Inc. D83S-D Datasheet HTML 2Page - Frequency Devices, Inc. D83S-D Datasheet HTML 3Page - Frequency Devices, Inc. D83S-D Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
-12 dB to +60 dB
D83S Series
Programmable Amplifier
Features/Benefits:
• Full power bandwidth to 100 kHz for wide dynamic
range applications
• Compact 1.8" x 0.8" x 0.3" (32 pin DIP) size minimizes
board space requirements
• Serial
interface
and
software
protocol
allowing
operation on a simple three wire bus.
• Data out line allows data verification and cascading of
multiple amplifiers over the same serial interface.
• Plug-in ready-to-use, reducing engineering design and
manufacturing time.
Applications
• Data acquisition
• Test equipment
• Remote instrumentation systems
• Ground loop elimination in remote measurements
• Improvements in system dynamic range and resolution
• Telemetry
• Process control
• Digitally controlled auto ranging systems
• Medical, Scientific & engineering research
Description
The D83S Series programmable amplifiers are digitally
controlled gain modules that were designed for condition-
ing DC-coupled wide-band signals (AC coupled-optional).
They are programmable from -12 dB to +60 dB in 6 dB
steps with an 8-bit serial data stream for gain selection
using clock, data and strobe inputs.
Other standard performance features include differential
input, single ended output, 5V interface logic, and low
noise and distortion, making this plug-in ready-to-use
amplifier ideal for many signal conditioning applications.
Available options include AC coupled input and/or differ-
ential output.
5k
100
20
-20
+30
+40
+60
Hz
50
1k
200
500
2k
10k
20k
50k 100k
+70
+80
+50
d
B
g
+20
+10
+0
-10
Frequency Response
Common Mode Rejection Ratio
5k
100
20
-100
-50
-40
-20
Hz
50
1k
200
500
2k
10k
20k
50k 100k
-10
+0
-30
d
B
g
-60
-70
-80
-90
Total Harmonic Distortion + Noise
5k
100
20
-120
-70
-60
-40
Hz
50
1k
200
500
2k
10k
-30
-20
-50
d
B
g
-80
-90
-100
-110
-10
+0


Numéro de pièce similaire - D83S-D

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
D83 FUJI-D83 Datasheet
73Kb / 4P
SCHOTTKY BARRIER DIODE
D83-004 FUJI-D83-004 Datasheet
73Kb / 4P
SCHOTTKY BARRIER DIODE
D83-006 FUJI-D83-006 Datasheet
747Kb / 6P
Schottky Barrier Diode
logo
Jiangsu Donghai Semicon...
D830 WXDH-D830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
logo
Harwin Plc
D83020B-06 HARWIN-D83020B-06 Datasheet
117Kb / 1P
OW PROFILE SMT PLCC SOCKET
04.08.95
More results

Description similaire - D83S-D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1776C ONSEMI-MC1776C Datasheet
186Kb / 12P
PROGRAMMABLE OPERATIONAL AMPLIFIER
1996 REV 5
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
National Semiconductor ...
LM4250 NSC-LM4250_14 Datasheet
538Kb / 14P
Programmable Operational Amplifier
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com