| Moteur de recherche de fiches techniques de composants électroniques |
|
D68H8D Fiches technique(PDF) 5 Page - Frequency Devices, Inc. |
|
|
|||||||||||||||||||||||||||||
D68H8D Fiches technique(HTML) 5 Page - Frequency Devices, Inc. |
|
5 / 17 page ![]() Specification (25°C and Vs ± 15 Vdc) D68 & DP68 Series Pin-Out and Package Data Ordering Information We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright. IN-00D68-02 1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176 e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com Filter Type L - Low Pass H - High Pass Analog Input Characteristics 1 Impedance 10 k W min. Voltage Range ± 10 Vpeak Max. Safe Voltage ± Vs Analog Output Characteristics Impedance(Closed Loop) 1 W typ. 10 W max. Linear Operating Range ± 10 V Maximum Current 2 ±2 mA Offset Voltage 3 2 mV typ. 20 mV max. Offset Temp. Coeff. 50 mV / °C Power Supply (±V) Rated Voltage ± 15 Vdc Operating Range ± 5 to ± 18 Vdc Maximum Safe Voltage ± 18 Vdc Quiescent Current D68 ± 25 mA typ. ± 40 mA max. Quiescent Current DP68 ± 7 mA typ. ± 10 mA max. Temperature Operating - 0 to + 70 °C Storage - 25 to + 85 °C Ordering Information Side View 0.80 0.025 dia. All dimensions are in inches All case dimensions ± 0.01" Bottom View +VS OUT -VS IN GND 0.80 0.70 0.10 0.00 OS 4 0.15 (min) Front View 0.30 1.80 Notes: 1. Input and output signal voltage referenced to supply common. 2. Output is short circuit protected to common. DO NOT CONNECT TO ±Vs. 3. Adjustable to zero. 4. Units operate with or with out offset pin connected. 5. How to Specify Corner Frequency: Corner frequencies are specified by attaching a three digit frequency designator to the basic model number. Corner frequencies can range from 1.00 Hz to 100 kHz. D68L8B-849 Hz - 3 dB Corner Frequency 5 e.g., 849 Hz 2.50 kHz 33.3 kHz Transfer Function B - Butterworth L - Bessel D - constant delay (-80 dB) D60 - constant delay (-60 dB) D10 - constant delay (-100 dB) E - elliptic 1.77 (-80 dB) EX - elliptic 1.56 (-80 dB) EY - elliptic 2.00 (-100 dB) Power Level D – Standard Power DP – Low Power DC Offset Adjustment ± Vs - Vs 20 k W (Cermet) Do not connect if trim is not required. OS 5 Filter Mounting Assembly-See FMA-01A |