Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT5050QB10ZS-RV Fiches technique(PDF) 6 Page - Kingbright Corporation

No de pièce AT5050QB10ZS-RV
Description  5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AT5050QB10ZS-RV Fiches technique(HTML) 6 Page - Kingbright Corporation

Back Button AT5050QB10ZS-RV Datasheet HTML 2Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 3Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 4Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 5Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 6Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 7Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 8Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 9Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 10Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPEC NO: DSAI5832
REV NO: V.1
DATE: SEP/22/2008
PAGE: 6 OF 10
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.F.Lu
ERP: 1212000025
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
Packing & Label Specifications
AT5050QB10ZS-RV
Packaging:
1.The LEDs are packed in cardboard boxes after taping.
2.The label on the minimum packing unit shows: Part Number, Lot Number, Ranking, Quantity.
3.In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
4.The LEDs may be damaged if the boxes are dropped or receive a strong impact against them, so precautions
must be taken to prevent any damage.
5.The boxes are not water resistant and therefore must be kept away from water and moisture.
6.When the LEDs are transported, we recommend that you use the same packing methods as Kingbright’s.



Html Pages

1 2 3 4 5 6 7 8 9 10