Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP49 Fiches technique(PDF) 5 Page - Pletronics, Inc.

No de pièce LP49
Description  Low Profile Crystal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLETRONICS [Pletronics, Inc.]
Site Internet  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LP49 Fiches technique(HTML) 5 Page - Pletronics, Inc.

  LP49 Datasheet HTML 1Page - Pletronics, Inc. LP49 Datasheet HTML 2Page - Pletronics, Inc. LP49 Datasheet HTML 3Page - Pletronics, Inc. LP49 Datasheet HTML 4Page - Pletronics, Inc. LP49 Datasheet HTML 5Page - Pletronics, Inc. LP49 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LP21 / LP24 / LP49 Series
Low Profile Crystal
January 2009
www.pletronics.com
425-776-1880
5
Mechanical:
Inches
mm
A
0.425 max
10.80 max
B
0.404
10.26
C
0.192
4.88
D
0.017 dia
0.43 dia
E
0.500 min
12.7 min
F
0.176 max
4.47 max
G
0.145
3.68
H LP21
0.082 max
2.10 max
H LP24
0.100 max
2.50 max
H LP49
0.140 max
3.56 max
Contacts (3 types of lead plating used):
Matte Tin (Sn)
Tin over Copper (SnCu)
SAC (SnAgCu)
Not to Scale
1 Typical dimensions
Layout and application information
Trace lengths to the crystal should be kept as short as possible.
The crystal connections are sensitive to noise.
The package should be grounded for optimum performance.



Html Pages

1 2 3 4 5 6