Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP21 Fiches technique(PDF) 5 Page - Pletronics, Inc.

No de pièce LP21
Description  Low Profile Crystal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLETRONICS [Pletronics, Inc.]
Site Internet  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LP21 Fiches technique(HTML) 5 Page - Pletronics, Inc.

  LP21 Datasheet HTML 1Page - Pletronics, Inc. LP21 Datasheet HTML 2Page - Pletronics, Inc. LP21 Datasheet HTML 3Page - Pletronics, Inc. LP21 Datasheet HTML 4Page - Pletronics, Inc. LP21 Datasheet HTML 5Page - Pletronics, Inc. LP21 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LP21 / LP24 / LP49 Series
Low Profile Crystal
January 2009
www.pletronics.com
425-776-1880
5
Mechanical:
Inches
mm
A
0.425 max
10.80 max
B
0.404
10.26
C
0.192
4.88
D
0.017 dia
0.43 dia
E
0.500 min
12.7 min
F
0.176 max
4.47 max
G
0.145
3.68
H LP21
0.082 max
2.10 max
H LP24
0.100 max
2.50 max
H LP49
0.140 max
3.56 max
Contacts (3 types of lead plating used):
Matte Tin (Sn)
Tin over Copper (SnCu)
SAC (SnAgCu)
Not to Scale
1 Typical dimensions
Layout and application information
•
Trace lengths to the crystal should be kept as short as possible.
•
The crystal connections are sensitive to noise.
•
The package should be grounded for optimum performance.



Html Pages

1 2 3 4 5 6