Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NVD07SCMHT Fiches technique(PDF) 4 Page - KOA Speer Electronics, Inc.

No de pièce NVD07SCMHT
Description  Metal Oxide Varistor Disk Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOA [KOA Speer Electronics, Inc.]
Site Internet  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD07SCMHT Fiches technique(HTML) 4 Page - KOA Speer Electronics, Inc.

  NVD07SCMHT Datasheet HTML 1Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 3Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PAGE 4 OF 12
SS-245 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
Type D14U
øD max. H max. T max.
W ± 1
NVD14UC022
NVD14UC027
.169
(4.3)
NVD14UC033
NVD14UC039
.173
.075
(4.4)
(1.9)
NVD14UC047
.185
(4.7)
NVD14UC056
.197
(5.0)
NVD14UC068
.209
.083
(5.3)
(2.1)
NVD14C082
.630
.827
.177
.063
(16.0)
(21.0)
(4.5)
(1.6)
NVD14C100
.185
.071
(4.7)
(1.8)
NVD14UC120
.193
.079
(4.9)
(2.0)
NVD14UC150
.205
.091
(5.2)
(2.3)
NVD14UC200
.185
.039
(4.7)
(1.0)
NVD14UC220
.189
.043
(4.8)
(1.1)
NVD14UC240
.197
.047
(5.0)
(1.2)
NVD14UC270
.209
.051
(5.3)
(1.3)
NVD14UC330
.220
.063
(5.6)
(1.6)
NVD14UC360
.224
.079
.650
.846
(5.7)
(2.0)
NVD14UC390
(16.5)
(21.5)
.220
.091
(5.6)
(2.3)
NVD14UC430
.240
.102
(6.1)
(2.6)
øD
F
ød
T
W
± 1
W*
4. Detailed Dimensions (Continued)
Table 1
Dimensions in inches (mm)
Type D14U
øD max. H max. T max.
W ± 1
NVD14UC470
.248
.114
(6.3)
(2.9)
NVD14UC510
.650
.846
.264
.126
(16.5)
(21.5)
(6.7)
(3.2)
NVD14UC620
.311
.150
(7.9)
(3.8)
NVD14UC680
.327
.165
(8.3)
(4.2)
NVD14UC750
.346
.185
(8.8)
(4.7)
NVD14UC780
.350
.193
(8.9)
(4.9)
NVD14UC820
.362
.201
(9.2)
(5.1)
NVD14UC910
.382
.224
(9.7)
(5.7)
NVD14UC1800
.669
.807
.567
*.457
(17.0)
(20.5)
(14.4)
(11.6 ± 2)
Table 1
Dimensions in inches (mm)
Type D20U
NVD20UC200
.205
.083
(5.2)
(2.1)
NVD20UC220
.209
.087
(5.3)
(2.2)
NVD20UC240
.213
.091
(5.4)
(2.3)
NVD20UC270
.220
.098
(5.6)
(2.5)
NVD20UC360
.846
.965
.240
.118
(21.5)
(24.5)
(6.1)
(3.0)
NVD20UC390
.244
.122
(6.2)
(3.1)
NVD20UC430
.252
.130
(6.4)
(3.3)
NVD20UC470
.260
.138
(6.6)
(3.5)
NVD20UC620
.295
.173
(7.5)
(4.4)
NVD20UC680
.307
.185
(7.8)
(4.7)
NVD20UC750
.886
1.004
.323
.201
(22.5)
(25.5)
(8.2)
(5.1)
NVD20UC780
.331
.209
(8.4)
(5.3)
NVD20UC820
.335
.213
(8.5)
(5.4)
NVD20UC910
.354
232
(9.0)
(5.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12