Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD4235F1-12UI Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Fiches technique(HTML) 4 Page - STMicroelectronics

  PSD4235F1-12UI Datasheet HTML 1Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 2Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 3Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 4Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 5Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 6Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 7Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 8Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
1
1.0
Introduction
Preliminary Information
PSD4000 Series
PSD4135G2
Configurable Memory System on a Chip
for 16-Bit Microcontrollers
The PSD4000 series of Programmable Microcontroller (MCU) Peripherals brings
In-System-Programmability (ISP) to Flash memory and programmable logic. The result is a
simple and flexible solution for embedded designs. PSD4000 devices combine many of the
peripheral functions found in MCU based applications:
• 4 Mbit of Flash memory
• A secondary Flash memory for boot or data
• Over 3,000 gates of Flash programmable logic
• 64 Kbit SRAM
• Reconfigurable I/O ports
• Programmable power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93