Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2926IGN Fiches technique(PDF) 28 Page - Linear Technology

No de pièce LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Fiches technique(HTML) 28 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 20Page - Linear Technology LTC2926IGN Datasheet HTML 21Page - Linear Technology LTC2926IGN Datasheet HTML 22Page - Linear Technology LTC2926IGN Datasheet HTML 23Page - Linear Technology LTC2926IGN Datasheet HTML 24Page - Linear Technology LTC2926IGN Datasheet HTML 25Page - Linear Technology LTC2926IGN Datasheet HTML 26Page - Linear Technology LTC2926IGN Datasheet HTML 27Page - Linear Technology LTC2926IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC2926
28
2926fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0506 REV A • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC2908
Precision Six Supply Monitor
Four Fixed (Various Levels) and Two Adjustable Input Thresholds
LTC2920-1/LTC2920-2
Single/Dual Power Supply Margining Controllers
Single or Dual, Symmetric/Asymmetric High and Low Margining
LTC2921/LTC2922
Power Supply Trackers with Input Monitors
Monitor up to Five Supplies, Includes Remote Sense Switches
LTC2923
Power Supply Tracking Controller
Controls Two Supplies Without FETs, MSOP-10 and DFN-12 Packages
LTC2925
Multiple Power Supply Tracking Controller with
Power Good Timeout
Controls Three Supplies Without FETs, Includes Three Shutdown Control
Pins
LTC2927
Single Power Supply Tracking Controller
Controls Single Supply Without FETs, Daisy-Chain for Multiple Supplies
NC
RTB1
RTA1
2926 TA02
LTC2926
S1
FB1
RAMPBUF
TRACK1
TRACK2
GND PGTMR
RONB
RONA
RTB2
RTA2
CPGTMR
D2
D1
VCC
STATUS
STATUS/PGI
ON
10k
SGATE2
10
Ω
Q1
SGATE1
10
Ω
VCC
RFB1
RFA1
S2
FB2
RSGATE
FAULT
RFB2
RFA2
MGATE
RAMP
0.1
µF
10k
FAULT
OUT
IN
SENSE
RX2
SUPPLY GENERATOR 2
VIN
Q2
SLAVE2
CMGATE
OUT
IN
SENSE
RX1
SUPPLY GENERATOR 1
VIN
SLAVE1
NC
RTB3
RTA3
LTC2926
S1
FB1
RAMPBUF
TRACK1
TRACK2
GND PGTMR
RTB4
RTA4
D2
D1
STATUS/PGI
ON
SGATE2
10
Ω
Q3
SGATE1
10
Ω
VCC
RFB3
RFA3
S2
FB2
RSGATE
FAULT
RFB4
RFA4
MGATE
NC
RAMP
0.1
µF
OUT
IN
SENSE
RX4
SUPPLY GENERATOR 4
VIN
Q4
SLAVE4
OUT
IN
SENSE
RX3
SUPPLY GENERATOR 3
VIN
SLAVE3
Chaining to Track/Sequence More Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28