Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2915 Fiches technique(PDF) 5 Page - Linear Technology

No de pièce LTC2915
Description  Voltage Supervisor with 27 Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2915 Fiches technique(HTML) 5 Page - Linear Technology

  LTC2915 Datasheet HTML 1Page - Linear Technology LTC2915 Datasheet HTML 2Page - Linear Technology LTC2915 Datasheet HTML 3Page - Linear Technology LTC2915 Datasheet HTML 4Page - Linear Technology LTC2915 Datasheet HTML 5Page - Linear Technology LTC2915 Datasheet HTML 6Page - Linear Technology LTC2915 Datasheet HTML 7Page - Linear Technology LTC2915 Datasheet HTML 8Page - Linear Technology LTC2915 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC2915/LTC2916
5
29156fa
TYPICAL PERFORMANCE CHARACTERISTICS
Internal Reset Timeout Period vs
Temperature
Shunt Regulation Voltage vs
Temperature
Shunt Regulation Voltage vs
Supply Current
Threshold Voltage vs
Temperature
Quiescent Supply Current vs
Temperature
Allowable Glitch Duration vs
Magnitude
TA = 25°C unless otherwise noted.
RST Output Voltage vs VCC
RST Pull-Down Current vs VCC
RST VOL vs IRST
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
29156 G01
0
–0.5
–25
0
50
100
125
–1.0
–1.5
VMT120
VMTADJ
VMT25
TEMPERATURE (°C)
–50
20
25
30
35
40
–25
0
25
50
29156 G02
75
100
125
SEL1 = 0V
SEL2 = 2.5V
TOL = OPEN
VCC = 5.5V
VCC = 2.5V
VCC = 1.5V
GLITCH PERCENTAGE PAST THRESHOLD (%)
0.1
0
200
250
300
1
10
100
29156 G03
150
100
50
RESET OCCURS
ABOVE CURVE
TEMPERATURE (°C)
–50
–25
150
190
250
0
50
75
29156 G04
170
230
210
25
100
125
RT = VCC
SUPPLY CURRENT, ICC (mA)
0.01
6.4
6.6
100
29156 G06
6.2
6.0
0.1
1
10
7.0
6.8
TEMPERATURE (°C)
–50
6.1
6.2
6.3
6.4
–25
0
25
50
29156 G05
75
100
125
ICC = 5mA
ICC = 1mA
ICC = 100μA
SUPPLY VOLTAGE, VCC (V)
0
0
1
2
3
4
5
6
1234
29156 G07
5
100k PULL-UP TO VCC
SEL1 = SEL2 = TOL = 0V
VM = 0.5V
SUPPLY VOLTAGE, VCC (V)
0
0
1
2
3
4
5
6
123
4
29156 G08
5
RST AT 150mV
RST AT 50mV
IRST (mA)
0
0.6
0.8
1.0
8
29156 G09
0.4
0.2
0
2
4
6
10
TA = 125°C
TA = 25°C
TA = –40°C
NO PULL-UP R
VCC = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com