Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XT5.5MB Fiches technique(PDF) 2 Page - ECS, Inc.

No de pièce XT5.5MB
Description  CERAMIC TRAP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ECS [ECS, Inc.]
Site Internet  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

XT5.5MB Fiches technique(HTML) 2 Page - ECS, Inc.

  XT5.5MB Datasheet HTML 1Page - ECS, Inc. XT5.5MB Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
May 16, 2007
C E R A M I C
R E S O N A T O R/F I L T E R
Application Information Request
Attention: All Customers
From: Mike Huennekens, Director of Marketing and OEM Sales
Subject: Ceramic Resonator Application Information Request
ECS is requesting that you complete the section below that will allow us to determine if the specific application is suitable for the ceramic
resonator/filters that you have requested.
Ceramic Resonators/Filters, both surface mount and through-hole type, are a much different frequency control solution than that of a crystal
based device. Not only are there “matching” issues to specific integrated circuits and processors with ceramic based piezoelectric
components but for multiple reasons ceramics are not the most advantageous nor robust frequency control solution for certain applications.
In addition, ECS does not approve the use of its ceramic products in Automotive, Military, Avionics, Life Sustaining or Life Support
systems or any other related medical application.
If the customer chooses to use this product in one or more of the noted applications without the written consent of ECS, Inc., ECS,
Inc. shall be held harmless, and given release of liability and indemnification from claims of any nature.
Please complete the following and submit this form as soon as possible.
ECS Part Number
Estimated Annual Usage
Has this part already been
approved for this application?
Yes
No
Has this part been ordered
previously for this application?
Yes
No
End Customer
Application Details
You Must Be Specific or this may
be returned for more information.
I certify that the above information is true and correct to the best of my knowledge and acknowledge that ECS will be held harmless if this
item is used in the restricted applications noted above.
__________________________________________
** If this item will be used by a 3
rd party ECS may require
Company Name
a form be completed and signed by all parties.
__________________________________________
Print Your Name
__________________________________________
Title
__________________________________________
Signature
Date
To be completed by ECS Inc., International
Approved:
Disallowed:
Date: ____________________
Approved By: ______________________________________
Please direct any further inquires to Brad Slatten at brads@ecsxtal.com or Carla Williams at carlaw@ecsxtal.com . We thank you for your
understanding and patience in this process.
ECS, Inc. International
1105 South Ridgeview Road
Olathe, KANSAS, 66062 USA
www.ecsxtal.com
913-782-7787
1-800-237-1041
Fax: 913-782-6991
Mike Huennekens
Director of Marketing and OEM Sales
E-mail: mikeh@ecsxtal.com
Phone: 1-800-237-1041



Html Pages

1 2