| Moteur de recherche de fiches techniques de composants électroniques |
|
LTM4604 Fiches technique(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM4604 Fiches technique(HTML) 12 Page - Linear Technology |
|
12 / 20 page ![]() LTM4604 12 4604f APPLICATIONS INFORMATION Figure 6. 5VIN to 1.2VOUT No Heat Sink Figure 7. 5VIN to 1.2VOUT with Heat Sink Figure 8. 3.3VIN to 1.2VOUT No Heat Sink Figure 9. 3.3VIN to 1.2VOUT with Heat Sink AMBIENT TEMPERATURE ( °C) 70 2.0 2.5 3.0 110 4606 F06 1.5 1.0 0 80 90 100 75 115 85 95 105 0.5 4.0 3.5 0LFM 200LFM 400LFM AMBIENT TEMPERATURE ( °C) 70 2.0 2.5 3.0 110 4606 F07 1.5 1.0 0 80 90 100 75 115 85 95 105 0.5 4.0 3.5 0LFM 200LFM 400LFM AMBIENT TEMPERATURE ( °C) 70 2.0 2.5 3.0 110 4606 F08 1.5 1.0 0 80 90 100 75 115 85 95 105 0.5 4.0 3.5 0LFM 200LFM 400LFM AMBIENT TEMPERATURE ( °C) 70 2.0 2.5 3.0 110 4606 F09 1.5 1.0 0 80 90 100 75 115 85 95 105 0.5 4.0 3.5 0LFM 200LFM 400LFM Figure 10. 5VIN to 2.5VOUT No Heat Sink Figure 11. 5VIN to 2.5VOUT with Heat Sink AMBIENT TEMPERATURE ( °C) 70 2.0 2.5 3.0 110 4606 F10 1.5 1.0 0 80 90 100 75 85 95 105 0.5 4.0 3.5 0LFM 200LFM 400LFM AMBIENT TEMPERATURE ( °C) 70 2.0 2.5 3.0 110 4606 F11 1.5 1.0 0 80 90 100 75 115 85 95 105 0.5 4.0 3.5 0LFM 200LFM 400LFM |